Part Number Hot Search : 
HER0807G EPB5040G 222AU 480MHZ 81KZF CL1101 HD880 FR202G
Product Description
Full Text Search
 

To Download HW101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 InSb Hall Element
HW-101A
*High-sensitivity InSb Hall element. *Mini-mold SMT package (fits SOT143 land pattern). *Shipped in packet-tape reel (3000pcs per reel).
Note : It is requested to read and accept "IMPORTANT NOTICE".
Please be aware that AKE products are not intended for use in life support equipment, devices, or systems. Use of AKE products in such applications requires the advance written approval of the appropriate AKE officer. Certain applications using semiconductor devices may involve potential risks of personal injury, property damage, or loss of life. In order to minimize these risks, adequate design and operating safeguards should be provided by the customer to minimize inherent or procedural hazards. Inclusion of AKE products in such applications is understood to be fully at the risk of the customer using AKE devices or systems.
*Absolute Maximum Ratings
Item Symbol Limit Unit
Max. Input Current
Ic
Const. Current Drive
20
mA
Operating Temp. Range
Topr.
-40 to +110
C
Storage Temp. Range
Tstg.
-40 to +125
C
*Classification of Output Hall Voltage (VH)
Rank VH [ mV ] 122 144 168 196 228 266 310 to to to to to to to 150 174 204 236 274 320 370 B=50mT, Vc=IV Constant Voltage Drive Conditions
*Electrical Characteristics(Ta=25C)
Item Symbol Conditions Min. Typ. Max. Unit
A B C D 122 370 mV E F G
Output Hall Voltage
VH
Const. Voltage Drive
B=50mT, Vc=IV B=0mT, Ic=0.1mA B=0mT, Ic=0.1mA B=0mT, Vc=IV
Input Resistance Output Resistance Offset Voltage
Rin Rout Vos
240 240 -7
550 550
Note : When ordering, specify 3-rank or wider range(e*g*,BCD).
*Input Current Derating Curve
+7 mV 20 Input Resistance Rin : 240 to 550
Temp. Coefficient of VH
VH
B=50mT, Ic=5mA
-1.8
%/C Input Current(mA)
Temp. Coefficient of Rin
Rin
B=0mT, Ic=0.1mA
-1.8
%/C
10
Dielectric Strength
100V D.C
1.0
M
Notes : 1. VH = VHM - Vos (VHM:meter indication)
1 -V 2. VH = VH (T1) X VH (T3) - T H) (T2) X 100 (T3 2 1 Rin (T3) - Rin (T2) X 100 3. Rin = Rin (T1) X (T - T )
3 2
T1 = 20C, T2 = 0C, T3 = 40C
0 - 40
- 20
0
20 40 60 80 Ambient Temperature.(C)
100
120
*Dimensional Drawing (mm)
2.90.1 0.5 1.9 0.5 0.4 0.35
Note : Rin of Hall element decreases rapidly as ambient temperature increases. Ensure compliance with input current derating curve envelope, throughout the operating temperature range.
*Input Voltage Derating Curve
2.0 Input Resistance Rin : 240 to 550
2
1.550.1 2.90.2
1
0 to 0.1
N
5 5
3
4
0.1
Input Voltage(V)
1.0
+0.2 -0.1
0.3
3
1.1
0.8
Pinning Input Output 1() 2() 3 4 () ()
10
- 40
0
- 20
0
20 40 60 80 Ambient Temperature.(C)
100
120
Note : For constant-voltage drive, stay within this input voltage derating curve envelope.
11
HW-101A
a
*Characteristic Curves
Rin-T
2000 1800 Input Resistance:Rin( ) Output Voltage:VH(mV) 1600 1400 1200 1000 800 600 400 200 0 -50 0 50 100 Ambient Temperature(C) 150 0.0 0 10 20 30 Magnetic Flux Density B (mT) 40 50 500.0 400.0 300.0 Vc 200.0 100.0
VH-B
600.0 Ic const Vc const Ic = 5 (mA) Vc = 1 (V) Ta = 25 (C)
Ic
c
VH-T
2000 1750 Output Voltage:VH(mV) 1500 1250 1000 750 500 Vc 250 0 -50 Ic Ic const Vc const
VH-Vc, VH-Ic
1200 1000 800 600 400 200 0 0.0 5 0.5 10 1.0 Ic (mA) Input Current Vc (V) Input Voltage 15 1.5 20 Ic:(mA) 2.0 Vc:(V) Vc Ic const Vc const B = 50 (mT) Ta = 25 (C) Ic
Ic = 5 (mA) Vc = 1 (V) B = 50 (mT)
Output Voltage:VH(mV)
f
0
50 100 Ambient Temperature(C)
150
VOS-T
40 Ic const Vc const Offset Voltage:Vos(mV) 30 Ic 20 Ic = 5 (mA) Vc = 1 (V) B = 0 (mT)
VOS-Vc, VOS-Ic
20 18 Offset Voltage:Vos(mV) 16 14 12 10 8 6 4 2 5 0.5 10 1.0 Ic (mA) Input Current Vc (V) Input Voltage 15 1.5 20 Ic:(mA) 2.0 Vc:(V) Vc Ic const Vc const B = 0 (mT) Ta = 25 (C) Ic
i
10 Vc 0 -50
0
50 100 Ambient Temperature(C)
150
0 0.0
*Magnetic Flux Density 1(mT)=10(G)
In This Example : Rin=350( ), Vos=4.7(mV), Vc=1(V)
12


▲Up To Search▲   

 
Price & Availability of HW101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X